Part Number Hot Search : 
3843AM 34601 1N4937G PCD6001U 4HC15 RS6513 V585M IRKT911
Product Description
Full Text Search
 

To Download BL-PDP-GJS-C10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AMERICAN BRIGHT OPTOELECTRONICS CORP.
*
Gap DOMILED BL-PDP-GJS Series
Feature: 1. Surface mount LED. 2. 120 viewing angle. 3. Small package outline (LxWxH) of 3.2 x 2.8 x 1.8 mm. 4. Qualified according to JEDEC moisture sensitivity Level 2. 5. Compatible to both IR reflow soldering and TTW soldering.
*
Package Dimension:
Recommended Solder Pad
V.2 Page: 1 of 5
AMERICAN BRIGHT OPTOELECTRONICS CORP.
*
Gap DOMILED BL-PDP-GJS Series
Optical Characteristics:
Part Number BL-PDP-GJS-C10
* * * BIN G1 BIN G2 BIN H1 BIN H2
Chip Technology / Color GaP / Green, 560 nm
Luminous Intensity @ If = 10mA Iv ( mcd ) 1.80 ... 4.50
1.80 ... 2.24 2.24 ... 2.80 2.80 ... 3.55 3.55 ... 4.50
*
Forward voltage @ If=10 mA. 2.05 V (typ.); 2.45 V (max) NOTE:
Chip Type GaP
Viewing angle at 50% Iv 120
Reverse current, IR @ VR = 5V, (max) 100 A
1. Other luminous intensity groups are also available upon request. 2. Luminous intensity is measured with an accuracy of 11%. 3. Wavelength binning is carried for all units as per the wavelength-binning table. Only one wavelength group is allowed for each reel. 4. An optional Vf binning is also available upon request. Binning scheme is as per following table.
*
Absolute Maximum Ratings:
Maximum Value DC forward current. Peak pulse current; (tp 10 s, Duty cycle = 0.005) Reverse voltage. LED junction temperature. Operating temperature. Storage temperature. Power dissipation ( at room temperature ) 30 500 5 100 -40 ... +100 -40 ... +100 75 Unit mA mA V C C C mW
*
Vf Binning: Vf Bin @ 10mA 01 02 03 04 Forward voltage (V) 1.25 ... 1.55 1.55 ... 1.85 1.85 ... 2.15 2.15 ... 2.45
V.2 Page: 2 of 5
AMERICAN BRIGHT OPTOELECTRONICS CORP.
*
Gap DOMILED BL-PDP-GJS Series
Wavelength Grouping: Color
BL-PDP; Pure Green
Group
Full W X Y Z
Wavelength distribution (nm)
552.5 - 564.5 552.5 - 555.5 555.5 - 558.5 558.5 - 561.5 561.5 - 564.5
Wavelength is measured with an accuracy of 1 nm.
*
Relative intensity. Normalized at 10 mA.
Typical electro-optical characteristics curves:
Fig. 2 Forward current vs. forward voltage.
Forward Current vs. Forward Voltage
35
Fig. 1 Relative luminous intensity vs. forward current.
Intensity vs. DC Forw ard Current
4.0
Forward Current (mA)
3.5 3.0 2.5 2.0 1.5 1.0 0.5 0.0 0 5 10 15 20 25 30 35 FORW ARD CURRENT (m A)
30 25 20 15 10 5 0 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6
Forward Voltage (V)
Fig. 3 Radiation pattern
30 20 10 0
1.0
Fig. 4 Maximum forward current vs. temperature
35
30
40
0.8
25 Forward Current, If
50
0.6
20
15
60 70 80 90
0.4
10
0.2
5
0 0 10 20 30 40 50 60 70 80 90 100 Ambient Temperature
0
V.2 Page: 3 of 5
AMERICAN BRIGHT OPTOELECTRONICS CORP.
Gap DOMILED BL-PDP-GJS Series
Fig. 5 Recommended IR-reflow Soldering Profile (acc. to IPC 9501)
Classification Reflow Profile (JEDEC J-STD-020B)
275 250 225 Ramp-up 3 oC/sec 60-150s 235-240oC 10-30s
Temperature ( C)
200 175 150 125 100 75 50
o
183 oC
Ramp-down 6 oC/sec Preheat 60-120s 360s max
25 0 50 100 150 200
Time (sec)
Fig. 6 Recommended TTW Soldering Profile (acc. to CECC 00802).
V.2 Page: 4 of 5
AMERICAN BRIGHT OPTOELECTRONICS CORP.
Gap DOMILED BL-PDP-GJS Series
*
Taping And Orientation.
Reels come in quantity of 2000 units. Reel diameters is 180 mm .
V.2 Page: 5 of 5


▲Up To Search▲   

 
Price & Availability of BL-PDP-GJS-C10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X